PART |
Description |
Maker |
C-141-1250-TDFB3-SSC2 C-141-1250C-TDFB3-SSC2 C-159 |
1.25 Gbps CWDM Single Mode Transceiver(3.3V) FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc. http://
|
SPC-48-LR-39CNA SPC-48-LR-61CDA SPC-48-LR-43CNA SP |
FIBER OPTIC TRANSCEIVER, 1200-1625nm, 2488Mbps(Tx), 2488Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1404-1417nm, 2488Mbps(Tx), 2488Mbps(Rx) OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
|
Source Photonics, Inc.
|
CT2-GI1LFTD31C CT2-GI1PFTD31C CT2-GI2LFTD31C CT2-G |
OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm) FIBER OPTIC TRANSCEIVER, 1430-1580nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS Uniphase Corporation JDS Uniphase Corporatio...
|
HFBR-53D5EM HFCT-53D5EM HFCT-53D5FM HFBR-53D5FM HF |
HFCT-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFCT-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFBR-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing HFBR-53D5 · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, No Shield, Plastic Housing HFBR-0535 · Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd 1 x 9 Fiber Optic Transceiver for Gigabit Ethernet
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
B-13-14-1250-T-SSC-G5 B-13-14-1250-T-SSCA-G5 B-13- |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-15-1250-TDPM-SSC-60 B-13-1250-TDPM-SSC-60 B-15-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR ROHS COMPLIANT PACKAGE-20 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-13-1250-TPM3-SSC-60 B-15-1250-TPM3-SSC-60 B-13-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-13-15-622-TPM-SSC4-60 B-13-15-622-TPM3-SSC4-60 B |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
HFBR-53A3VEM HFBR-53A3VFM |
3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield. Metalized Housing 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield. Metalized Housing
|
http://
|
HFBR-2505C HFBR-1505A HFBR-2505A HFBR-1505C HFBR-1 |
HFBR-2515B · Fiber Optic Receiver for PROFIBUS Applications HFBR-1515B · Fiber Optic Transmitter for PROFIBUS Applications HFBR-0539 · Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd HFBR-2505A · Fiber Optic Receiver for SERCOS Applications HFBR-1505A · Fiber Optic Transmitter for SERCOS Applications HFBR-0540 · Evaluation Kit designed for SERCOS applications that operate up to 10MBd HFBR-2505C · Fiber Optic Receiver for INTERBUS-S Applications HFBR-1505C · Fiber Optic Transmitter for INTERBUS-S Applications HFBR-0538 · Evaluation Kit designed for INTERBUS-S applications that operate at 500kB and 2MBd Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications Fiber Optic Receiver for INTERBUS-S Applications Fiber Optic Transmitter for INTERBUS-S Applications Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd 评估板用于PROFIBUS的应用而设计,经营2MBd Fiber Optic Transmitter for INTERBUS-S Applications 光纤变送器的INTERBUS - S应用
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Coilcraft, Inc. Avago Technologies, Ltd.
|
|